Part Number Hot Search : 
X24165IG MTM8N20 MC342305 11TV1 SSD2504S CD9013J HD404918 2762I
Product Description
Full Text Search
 

To Download 2902000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/2902000 07/07/2015???page? 1 ?/? 6 signal conditioner?-?mini mcr-2-i0-u?-?2902000 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) 3-way signal conditioner with plug-in connection technology for the electrical isolation of analog signals. input signal: 0 ... 20 ma, output signal: 0 ... 10 v, screw connection technology the figure shows the mini mcr-2-u- i0-pt version product description standard signal 3-way signal conditioner with plug-in connection technology for the electrical isolation, conversion, amplification, and filtering of standard signals. the measuring transducer supports fault monitoring and nfc communication. ? ? ? ? key commercial data packing unit 1 pc weight per piece (excluding packing) 104.4 grm custom tariff number 85437090 country of origin germany technical data note utilization restriction emc: class a product, see manufacturer's declaration in the download area dimensions width 6.2 mm height 110.5 mm depth 120.5 mm ambient conditions ambient temperature (operation) -40 c ... 70 c ambient temperature (storage/transport) -40 c ... 85 c zone 2 in sensor / field out plc / dcs 4-wire out i+ u s 5 6 1 2 pwr+ pwrC + + + C C C C + fm 1 5 2 6 3 7 4 8 in i+ out u+ tiC pwr+ pwrC in iC pwr+ pwrC out uC out i- power i u out in fm power u i out in fm
https://www.phoenixcontact.com/us/products/2902000 07/07/2015???page? 2 ?/? 6 signal conditioner?-?mini mcr-2-i0-u?-?2902000 technical data ambient conditions degree of protection ip20 input data number of inputs 1 configurable/programmable no current input signal 0 ma ... 20 ma input resistance current input approx. 63 output data number of inputs 1 configurable/programmable no voltage output signal 0 v ... 10 v max. output voltage 11 v short-circuit current < 15 ma load/output load voltage output 10 k power supply nominal supply voltage 24 v dc supply voltage range 9.6 v dc ... 30 v dc (the din rail bus connector (me 6,2 tbus-2 1,5/5- st-3,81 gn, order no. 2869728) can be used to bridge the supply voltage. it can be snapped onto a 35 mm din rail according to en?60715)) typical current consumption 25 ma (24 v dc) 54 ma (12 v dc) power consumption 200 mw (at 9.6 v dc) connection data connection method screw connection single conductor/terminal point, solid, with ferrule, min. 0.2 mm2 single conductor/terminal point, solid, with ferrule, max. 1.5 mm2 single conductor/terminal point, solid, without ferrule, min. 0.2 mm2 single conductor/terminal point, solid, without ferrule, max. 2.5 mm2 conductor cross section flexible min. 0.2 mm2 conductor cross section flexible max. 1.5 mm2 min. awg conductor cross section, flexible 24 max. awg conductor cross section, flexible 12 stripping length 10 mm screw thread m3 general maximum transmission error 0.1 % (of final value) maximum temperature coefficient 0.01 %/k zone 2 in sensor / field out plc / dcs 4-wire out i+ u s 5 6 1 2 pwr+ pwrC + + + C C C C + fm 1 5 2 6 3 7 4 8 in i+ out u+ tiC pwr+ pwrC in iC pwr+ pwrC out uC out i- power i u out in fm power u i out in fm
https://www.phoenixcontact.com/us/products/2902000 07/07/2015???page? 3 ?/? 6 signal conditioner?-?mini mcr-2-i0-u?-?2902000 technical data general limit frequency (3 db) approx. 30 hz step response (10-90%) approx. 10 ms protective circuit transient protection electrical isolation reinforced insulation in accordance with iec 61010-1 surge voltage category ii pollution degree 2 rated insulation voltage 300 v test voltage, input/output/supply 3 kv (50 hz, 1 min.) electromagnetic compatibility conformance with emc directive 2004/108/ec noise emission en 61000-6-4 noise immunity en 61000-6-2 when being exposed to interference, there may be minimal deviations. color gray housing material pbt mounting position any assembly instructions the t connector can be used to bridge the supply voltage. it can be snapped onto a 35 mm din rail according to en 60715. conformance ce-compliant atex ? ii 3 g ex na iic t4 gc x ul, usa / canada ul 508 listed class i, div. 2, groups a, b, c, d t6 class i, zone 2, group iic t6 emc data designation electromagnetic rf field standards/regulations en 61000-4-3 designation fast transients (burst) standards/regulations en 61000-4-4 designation conducted interferences standards/regulations en 61000-4-6 classifications ecl@ss ecl@ss 4.0 27040702 ecl@ss 4.1 27040702 ecl@ss 5.0 27242213 ecl@ss 5.1 27049002 zone 2 in sensor / field out plc / dcs 4-wire out i+ u s 5 6 1 2 pwr+ pwrC + + + C C C C + fm 1 5 2 6 3 7 4 8 in i+ out u+ tiC pwr+ pwrC in iC pwr+ pwrC out uC out i- power i u out in fm power u i out in fm
https://www.phoenixcontact.com/us/products/2902000 07/07/2015???page? 4 ?/? 6 signal conditioner?-?mini mcr-2-i0-u?-?2902000 classifications ecl@ss ecl@ss 6.0 27049002 ecl@ss 7.0 27049002 ecl@ss 8.0 27210120 etim etim 3.0 ec001039 etim 4.0 ec002540 etim 5.0 ec002653 unspsc unspsc 6.01 30211502 unspsc 7.0901 39121004 unspsc 11 39121004 unspsc 12.01 39121004 unspsc 13.2 39121004 approvals approvals approvals ul listed / cul listed / gl / culus listed ex approvals atex / ul listed / cul listed / culus listed approvals submitted approval details ul listed? zone 2 in sensor / field out plc / dcs 4-wire out i+ u s 5 6 1 2 pwr+ pwrC + + + C C C C + fm 1 5 2 6 3 7 4 8 in i+ out u+ tiC pwr+ pwrC in iC pwr+ pwrC out uC out i- power i u out in fm power u i out in fm
https://www.phoenixcontact.com/us/products/2902000 07/07/2015???page? 5 ?/? 6 signal conditioner?-?mini mcr-2-i0-u?-?2902000 approvals cul listed? gl? culus listed? drawings pictogram block diagram pictogram pictogram zone 2 in sensor / field out plc / dcs 4-wire out i+ u s 5 6 1 2 pwr+ pwrC + + + C C C C + fm 1 5 2 6 3 7 4 8 in i+ out u+ tiC pwr+ pwrC in iC pwr+ pwrC out uC out i- power i u out in fm power u i out in fm
https://www.phoenixcontact.com/us/products/2902000 07/07/2015???page? 6 ?/? 6 phoenix contact 2015 ? - all rights reserved http://www.phoenixcontact.com zone 2 in sensor / field out plc / dcs 4-wire out i+ u s 5 6 1 2 pwr+ pwrC + + + C C C C + fm 1 5 2 6 3 7 4 8 in i+ out u+ tiC pwr+ pwrC in iC pwr+ pwrC out uC out i- power i u out in fm power u i out in fm


▲Up To Search▲   

 
Price & Availability of 2902000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X